|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PDP-2N Series 0 POWER DIVIDERS / COMBINERS 50 kHz to 3000 MHz / 2-Way / Low Insertion Loss / Hermetic / Meri-Pac PC Mount for Auto-Insertion PRINCIPAL SPECIFICATIONS Model Number PDP-2N-50 PDP-2N-100 PDP-2N-250 PDP-2N-550 PDP-2N-1000 Frequency Freq, Isolation, Insertion Phase Range Perform., dB, Loss, dB, Balance, MHz MHz Min. Typ. Max. Typ. Max. Typ. .05 - 100 2 - 200 10 - 500 30 - 1000 20 - 2000 .05 - 100 2 - 10 10 - 200 10 - 500 30 25 30 25 35 30 35 30 25 25 20 15 0.7 0.5 0.5 0.7 1.0 1.1 1.3 2.0 0.4 0.25 0.25 0.4 0.5 0.7 1.0 1.5 2 2 2 2 3 4 6 8 5 1 1 1 1 1 2 3 4 2 Amplitude VSWR, Input Bal., dB, (In/Output) Power* Max. Typ. Max. Typ. Max. 0.15 0.15 0.15 0.2 0.2 0.3 0.4 0.6 0.5 0.1 1.3:1 1.15:1 0.1 1.3:1 1.15:1 0.1 1.3:1 1.15:1 0.1 1.3:1 1.2:1 0.1 1.4:1 1.2:1 1W 1W 1W 1W 30 - 1000 20 20-1000 20 1000-1500 18 1500-2000 12 0.2 1.5:1 1.3:1 250 mW 0.3 1.6:1 1.4:1 0.5 1.8:1 1.5:1 0.2 1.7:1 1.3:1 1W PDP-2N-****B 1500-3000 10% fo 15 20 1.0 0.5 For complete Model Number replace **** with desired center frequency, fo in MHz NOTES: 1. Tolerance on 3 place decimals 0.010(.25) except as noted. 2. Dimensions in inches over (millimeters). 3. Lead dimensions apply only at body. 4. All unmarked pins are case ground. *CW input power when used as divider with 1.2:1 VSWRout GENERAL SPECIFICATIONS Impedance: Internal Load Dissipation: Weight, nominal: Operating Temperature: 50 nom. 50 mW, max. 0.13 oz. (3.2 g) -- 55 to +85C AVAILABLE OPTIONS Up to 16-Way division Close tolerance amplitude & phase balance Connectorized, TO-5 and flatpack versions Meri-PacTM N-Package Outline TM 22Feb96 General Notes: 1. The PDP-2N series covers 50 kHz to 2.0 GHz with the special ``B'' series narrowband units extending coverage to 3 GHz. 2. The Meri-PacTM package housing these 2-way Power Dividers/Combiners is ideally suited to airborne and space applications where inherent package reliability and hermeticity are critical. 3. Below 2 GHz, the PDP-2N series uses lumped element circuits designed to reduce the size while preserving important electrical characteristics. For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531 |
Price & Availability of PDP-2N-100 |